|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SSL-LXA228SBC-TR21 - 430nm SUPER BLUE WATER CLEAR LENS - LUMEX INC. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SSL-LXA228AC-TR31 | 605nm AMBER AXIAL LED WATER CLEAR LENS Z BEND TAPE AND REEL | 1 | LUMEX INC. |
| MVL-514G | Standard water clear plastic lens | 1 2 3 | Unity Opto Technology |
| MVL-504G | Standard water clear plastic lens | 1 2 3 | Unity Opto Technology |
| AL-HB334A | Right Angle Lens Super Blue SMD Chip LED Lamps | 1 2 3 4 5 | A-BRIGHT Inc |
| MVL-314GH | Standard water clear plastic lens | 1 2 3 | Unity Opto Technology |
| MVL-304G | Standard water clear plastic lens | 1 2 3 | Unity Opto Technology |
| SML-LX1206IC-TR | 3.2MM X 1.6 MM PCB SURFACE MOUNT LED 635NM RED LED WATER CLEAR LENS TAPE AND REEL | 1 | List of Unclassifed Manufacturers |
| NTE3132 | Light Emitting Diode Water Clear High Efficiency Super Yellow−Green | 1 | NTE Electronics |
Datasheet Page |
1 |
Link URL |
|
|