|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SSL-LX100T123UPGC - 10.00mm 1 WATT THROUGH HOLE, HIGH POWER LED - LUMEX INC. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SSL-LX100T123SIC | 10.00mm 1 WATT THROUGH HOLE HIGH POWER LED | 1 | LUMEX INC. |
| SSL-LX100T123SYC | 10.00mm 1 WATT THROUGH HOLE HIGH POWER LED | 1 | LUMEX INC. |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| SML-LX3939UWC-TR | 10.10mm SQUARE 5 WATT HIGH POWER SMT LED | 1 | LUMEX INC. |
| AL-31-40IRC-850 | 3mm High Power LED Lamps | 1 2 3 4 5 | A-BRIGHT Inc |
| EHP-A08L | High Power LED - 1W | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| SML-LX1110SYC-ATR | PLCC-4 SMT LED HIGH POWER 590nm SUPER YELLOW | 1 | LUMEX INC. |
| SML-LX1610USBC+A | 10.60 x 10mm HIGH POWER LED 470nm BLUE LED | 1 | LUMEX INC. |
| CMDA31RGB15D13L | Power LED on Star PCB 1 Watt - Full Color Emitter Red Green Blue | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| YB1520 | High Power Step-up DC-DC Converter White LED Driver | 1 2 3 4 5 More | YOBON TECHNOLOGIES,INC. |
Datasheet Page |
1 |
Link URL |
|
|