|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SSI-LXMP059ID - 635nm RED RECCTANGULAR PANEL INDICATOR - LUMEX INC. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SSI-LXMP059BID | 635nm RED BLINKING RECTANGULAR PANEL INDICATOR | 1 | LUMEX INC. |
| SSI-LXMP059BID-150 | 635nm BLINKING RED RECTANGULAR LED PANEL INDICATOR | 1 | LUMEX INC. |
| SSI-LXH55SRD-150 | 5mm x 5mm 660mm SUPER RED PANEL INDICATOR RED DIFFUSED LENS 6 WIRE LEADS | 1 | LUMEX INC. |
| SSI-LXH55ID | 5mm x 5mm 635mm RED LED PANEL INDICATOR RED DIFFUSED LENS | 1 | LUMEX INC. |
| SSI-LXH55ID-150 | 5mm x 5mm 635mm RED LED PANEL INDICATOR RED DIFFUSED LENS 6 WIRE LEADS | 1 | LUMEX INC. |
| SSI-LXH55SID-150 | 5mm x 5mm 636mm ALLNGAP RED LED PANEL INDICATOR RED DIFFUSED LENS 6 WIRE LEADS | 1 | LUMEX INC. |
| SSI-LXH55SRD | 5mm x 5mm 660mm SUPER RED LED PANEL INDICATOR RED DIFFUSED LENS | 1 | LUMEX INC. |
| TLWK1100B | Panel Circuit Indicator | 1 2 3 4 5 More | Toshiba Semiconductor |
| TLBC1002 | Panel Circuit Indicator | 1 2 3 4 5 More | Toshiba Semiconductor |
| TLGE18CP | Panel Circuit Indicator | 1 2 3 | Toshiba Semiconductor |
Datasheet Page |
1 |
Link URL |
|
|