|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
A0503XT-W2 - DUAL OUTPUT, SMD DC-DC CONVERTER - MORNSUN Science& Technology Ltd. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| IB0505LT-W75 | SINGLE OUTPUT SMD DC-DC CONVERTER | 1 2 | MORNSUN Science& Technology Ltd. |
| IB0505XT-W75 | single OUTPUT SMD DC-DC CONVERTER | 1 2 | MORNSUN Science& Technology Ltd. |
| IE0505S-1W | DUAL OUTPUT DC-DC CONVERTER | 1 2 | MORNSUN Science& Technology Ltd. |
| CE-3101 | Non-insulation 8-pin SMD type 1.2W output DC-DC Converter | 1 2 | TDK Electronics |
| DI-53 | 50 W DC-DC Dual Output Converter | 1 2 | Power Integrations, Inc. |
| DCW03 | 3W DC-DC Regulated Dual Output Converter | 1 | Mean Well Enterprises Co., Ltd. |
| DCW08 | 8W DC-DC Regulated Dual Output Converter | 1 | Mean Well Enterprises Co., Ltd. |
| DCW12 | 12W DC-DC Regulated Dual Output Converter | 1 | Mean Well Enterprises Co., Ltd. |
| B0303 | SINGLE OUTPUT SMD DC-DC CONVERTER | 1 2 | MORNSUN Science& Technology Ltd. |
| DET01 | 1W DC-DC Unregulated Dual Output Converter | 1 | Mean Well Enterprises Co., Ltd. |
Datasheet Page |
1 2 |
Link URL |
|
|