|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SML-LXFT0805SYC-TR - 1.25mm x 2mm PCB SURFACE MOUNT LED - LUMEX INC. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SML-LXFT0805SIC-TR | 1.25mm x 2mm PCB SURFACE MOUNT LED | 1 | LUMEX INC. |
| SML-LXFT0805SOC-TR | 1.25mm x 2mm PCB SURFACE MOUNT LED | 1 | LUMEX INC. |
| SML-LXFT0805SRC-TR | 1.25mm x 2mm PCB SURFACE MOUNT LED | 1 | LUMEX INC. |
| SML-LXFT0805SUGCTR | 1.25mm x 2mm PCB SURFACE MOUNT LED | 1 | LUMEX INC. |
| SML-LX0805DRC-TR | 2.0mm x 1.25mm PCB SURFACE MOUNT | 1 | LUMEX INC. |
| SML-LXF0805SOC-TR | 2.0mm x 1.25mm SURFACE MOUNT LED | 1 | LUMEX INC. |
| SML-LX0805GC-TR | 2.0mm x 1.25mm PCB SURFACE MOUNT | 1 | LUMEX INC. |
| SML-LXF0805SRC-TR | 2.0mm x 1.25mm SURFACE MOUNT LED | 1 | LUMEX INC. |
| SML-LX0603IW-TR | 1.6mm x 0.8mm PCB CHIP SURFACE MOUNT LED | 1 | LUMEX INC. |
| SML-LX0805IC-TR | 2.0mm x 1.25mm PCB SURFACE MOUNT | 1 | LUMEX INC. |
Datasheet Page |
1 |
Link URL |
|
|