|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SML-LXFT0603UPGCTR - 1.6mm x 0.8mm ULTRA THIN SURFACE MOUNT LED - LUMEX INC. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SML-LXFT0603GC-TR | 1.6mm x 0.8mm ULTRA THIN SURFACE MOUNT LED | 1 | LUMEX INC. |
| SML-LXFT0603SBC-TR | 1.6mm x 0.8mm ULTRA THIN SURFACE MOUNT LED | 1 | LUMEX INC. |
| SML-LXFT0603SIC-TR | 1.6mm x 0.8mm ULTRA THIN SURFACE MOUNT LED | 1 | LUMEX INC. |
| SML-LXFT0603SOC-TR | 1.6mm x 0.8mm ULTRA THIN SURFACE MOUNT LED | 1 | LUMEX INC. |
| SML-LXFT0603SRC-TR | 1.6mm x 0.8mm ULTRA THIN SURFACE MOUNT LED | 1 | LUMEX INC. |
| SML-LXFT0603SUGCTR | 1.6mm x 0.8mm ULTRA THIN SURFACE MOUNT LED | 1 | LUMEX INC. |
| SML-LXFT0603SYC-TR | 1.6mm x 0.8mm ULTRA THIN SURFACE MOUNT LED | 1 | LUMEX INC. |
| SML-LXFM0603SRC-TR | 1.6mm x 0.8mm SURFACE MOUNT LED | 1 | LUMEX INC. |
| SML-LXFM0603SUGCTR | 1.6mm x 0.8mm SURFACE MOUNT LED | 1 | LUMEX INC. |
| SML-LXFM0603SYC-TR | 1.6mm x 0.8mm SURFACE MOUNT LED | 1 | LUMEX INC. |
Datasheet Page |
1 |
Link URL |
|
|