|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
KBPC1504N - SINGLE-PHASE BRIDGE RECTIFIER - MIC GROUP RECTIFIERS |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MB2505 | 25A Single-Phase Bridge Rectifier | 1 2 3 4 | TAITRON Components Incorporated |
| TB1505 | 15.0A Single-Phase Bridge Rectifier | 1 2 3 4 5 | TAITRON Components Incorporated |
| KBL005_08 | Single-Phase Bridge Rectifier | 1 2 3 4 | Vishay Siliconix |
| BR5005 | SINGLE-PHASE BRIDGE RECTIFIER | 1 2 | MIC GROUP RECTIFIERS |
| GBL005 | SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIER | 1 2 | MIC GROUP RECTIFIERS |
| B40C1000_06 | 1.0A SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| TBL005 | TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts | 1 2 | Dc Components |
| GBJ6A | 6.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| GBPC40_06 | 40A GLASS PASSIVATED HIGH CURRENT SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
| KBP200G_06 | 2.0A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER | 1 2 3 4 | Won-Top Electronics |
Datasheet Page |
1 2 |
Link URL |
|
|