|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SML-LX3939UWC-TR - 10.10mm SQUARE 5 WATT HIGH POWER SMT LED - LUMEX INC. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| SML-LX1110UPGC-ATR | PLCC-4 SMT LED HIGH POWER 525nm ULTRA PURE GREEN | 1 | LUMEX INC. |
| SML-LX1110UPGC-BTR | PLCC-4 SMT LED HIGH POWER 525nm ULTRA SUPER GREEN | 1 | LUMEX INC. |
| SML-LX1110SOC-ATR | PLCC-4 SMT LED HIGH POWER 620NM SUPER ORANGE WITH INTERNAL REFLECTIVE CAVITY | 1 | List of Unclassifed Manufacturers |
| SML-LX1110USBC-ATR | PLCC-4 SMT LED HIGH POWER 470nm ULTRA SUPER BLUE | 1 | LUMEX INC. |
| SML-LX1110SOC-BTR | PLCC-4 SMT LED HIGH POWER 620NM SUPER ORANGE | 1 | List of Unclassifed Manufacturers |
| SML-LX1110USBC-BTR | PLCC-4 SMT LED HIGH POWER 470nm ULTRA SUPER BLUE | 1 | LUMEX INC. |
| SML-LX1110UWC-ATR | PLCC-4 SMT LED HIGH POWER ULTRA WHITE | 1 | LUMEX INC. |
| SML-LX1110SYC-ATR | PLCC-4 SMT LED HIGH POWER 590NM SUPER YELLOW | 1 | List of Unclassifed Manufacturers |
| SML-LX1110UWC-BTR | PLCC-4 SMT LED HIGH POWER ULTRA WHITE | 1 | LUMEX INC. |
Datasheet Page |
1 |
Link URL |
|
|