|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SML-LX1610RGBW+A - 10.60 x 10mm HIGH POWER LED, RGB LEDs - LUMEX INC. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| SML-LX1610SIC | 10.60 x 10mm HIGH POWER LED 625nm RED LED. | 1 | List of Unclassifed Manufacturers |
| SML-LX1610SICA | 10.60 x 10mm HIGH POWER LED 625nm RED LED. | 1 | List of Unclassifed Manufacturers |
| SML-LX1610SYC | 10.60 x 10mm HIGH POWER LED 590nm yellow LED. | 1 | List of Unclassifed Manufacturers |
| SML-LX1610SYCA | 10.60 x 10mm HIGH POWER LED 590nm yellow LED. | 1 | List of Unclassifed Manufacturers |
| SML-LX1610UPGC | 10.60 x 10mm HIGH POWER LED 590nm GREEN LED. | 1 | List of Unclassifed Manufacturers |
| SML-LX1610UPGCA | 10.60 x 10mm HIGH POWER LED 590nm GREEN LED. | 1 | List of Unclassifed Manufacturers |
| SML-LX1610USBC | 10.60 x 10mm HIGH POWER LED 470nm blue LED. | 1 | List of Unclassifed Manufacturers |
| SML-LX1610USBCA | 10.60 x 10mm HIGH POWER LED 470nm blue LED. | 1 | List of Unclassifed Manufacturers |
| SML-LX1610UWCA | 10.60 x 10mm HIGH POWER LED ULTRA WHITE | 1 | List of Unclassifed Manufacturers |
Datasheet Page |
1 |
Link URL |
|
|