|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FR601G - FAST RECOVERY GLASS PASSIVATED RECTIFIER - MIC GROUP RECTIFIERS |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SF10C01CF-G | Glass Passivated Super Fast Recovery Rectifier | 1 2 | Comchip Technology |
| RGP20A | 2.0A Sintered Glass Passivated Fast Recovery Rectifier | 1 2 3 4 | TAITRON Components Incorporated |
| 1N4933G | FAST RECOVERY GLASS PASSIVATED RECTIFIER | 1 2 | MIC GROUP RECTIFIERS |
| FR151G | FAST RECOVERY GLASS PASSIVATED RECTIFIER | 1 2 | MIC GROUP RECTIFIERS |
| SF16C01C-G | Glass Passivated Super Fast Recovery Rectifier | 1 2 | Comchip Technology |
| RGP30A | 3.0A Sintered Glass Passivated Fast Recovery Rectifier | 1 2 3 4 | TAITRON Components Incorporated |
| TCDR1DW | 1.0A Sintered Glass Passivated Fast Recovery Rectifier | 1 2 3 4 5 More | TAITRON Components Incorporated |
| FR201G | FAST RECOVERY GLASS PASSIVATED RECTIFIER | 1 2 | MIC GROUP RECTIFIERS |
| PR1001G_1 | 1.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER | 1 2 3 | Diodes Incorporated |
| RH02_1 | 0.5A SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY BRIDGE RECTIFIER | 1 2 3 | Diodes Incorporated |
Datasheet Page |
1 2 |
Link URL |
|
|