|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
OCP-PCT4116+E-TR1 - 16 PIN SURFACE MOUNT QUAD CHANNEL PHOTOCOUPLER - LUMEX INC. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| OCP-PCT4116+E-TR | SIXTEEN PIN SURFACE MOUNT QUAD CHANNEL PHOTOCOUPLER | 1 2 | LUMEX INC. |
| OCP-PCT124+A-TR | 4 PIN SURFACE MOUNT SINGLE CHANNEL PHOTOCOUPLER | 1 2 | LUMEX INC. |
| OCP-PCT218+E-TR | EIGHT PIN SURFACE MOUNT DUAL CHANNEL PHOTOCOUPLER | 1 | LUMEX INC. |
| OCP-PCT228+A-TR | EIGHT PIN SURFACE MOUNT DUAL CHANNEL PHOTOCOUPLER | 1 2 | LUMEX INC. |
| ACSA04-41SURKWA-F01 | SURFACE MOUNT DISPLAY | 1 2 3 4 5 | Kingbright Corporation |
| OCP-PCT4116+E | SIXTEEN PIN DIP QUAD CHANNEL PHOTOCOUPLER | 1 | LUMEX INC. |
| QSB34GR_07 | Surface Mount Silicon Pin Photodiode | 1 2 3 4 5 More | Fairchild Semiconductor |
| PTV10GC | 10Gb/s surface mount coplanar PIN preamp receiver with integrated MEMS VOA | 1 2 3 4 5 More | Bookham, Inc. |
| IRHQ597110 | RADIATION HARDENED POWER MOSFET SURFACE MOUNT LCC-28 100V Quad P-CHANNEL | 1 2 3 4 5 More | International Rectifier |
| LFA32C1 | 1.7mm 2 Pin Ceramic Surface Mount Crystal | 1 | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 |
Link URL |
|
|