|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LPF-C071303S - 7 UNIT, STACKABLE RIGHT ANGLE SMT LIGHT PIPE - LUMEX INC. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LPF-C011303S | SINGLE UNIT STACKABLE RIGHT ANGLE SMT LIGHT PIPE | 1 | LUMEX INC. |
| LPF-C011304S | SINGLE UNIT STACKABLE RIGHT ANGLE SMT LIGHT PIPE | 1 | LUMEX INC. |
| LPF-C021303S | DOUBLE UNIT STACKABLE RIGHT ABGLE SMT LIGHT PIPE | 1 | LUMEX INC. |
| LPF-C021304S | DOUBLE UNIT STACKABLE RIGHT ABGLE SMT LIGHT PIPE | 1 | LUMEX INC. |
| LPF-C011302S | 3mm ROUND RIGHT ANGLE SMT LIGHT PIPE WITH ROUND POSTS | 1 | LUMEX INC. |
| LPF-C011301S | 3mm ROUND RIGHT ANGLE SMT LIGHT PIPE WITH RECTANGULAR POSTS | 1 | LUMEX INC. |
| LPF-C011401S | 4mm ROUND RIGHT ANGLE LIGHT PIPE | 1 | LUMEX INC. |
| DB25SS24 | D-SUBMINIATURE SMT RIGHT ANGLE .118" [3.00] SLIMLINE | 1 2 | Adam Technologies, Inc. |
| TL3320E | TACT SWITCHES SMT - RIGHT ANGLE | 1 | E-SWITCH |
| NTE30081 | Light Emitting Diode LED Right Angle Surface Mount | 1 2 3 | NTE Electronics |
Datasheet Page |
1 |
Link URL |
|
|