|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
1N5822 - SCHOTTKY BARRIER RECTIFIER - MIC GROUP RECTIFIERS |
|
Click 1N5822 to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| MBR20200FCT | 20 Amp High Voltage Power Schottky Barrier Rectifier 200 Volts | Micro Commercial Components |
| FM120B | SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | Rectron Semiconductor |
| SB820D_06 | 8.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | Won-Top Electronics |
| SB8150 | 8.0A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER | Won-Top Electronics |
| SPB10015 | 2 X 100A SCHOTTKY BARRIER RECTIFIER | Microsemi Corporation |
| SBM0204R | Schottky Barrier Diode 40V 0.2A Rectifier | Sanyo Semicon Device |
| SBT80-06LS | Schottky Barrier Diode Twin Type กค Cathode Common 60V 8A Rectifier | Sanyo Semicon Device |
| SBT250-04Y | Schottky Barrier Diode Twin Type กค Cathode Common 40V 25A Rectifier | Sanyo Semicon Device |
| MBR230LSFT1 | SCHOTTKY BARRIER RECTIFIER 2.0 AMPERES 30 VOLTS | ON Semiconductor |
| SCD12L | SURFACE MOUNT LOW VF SCHOTTKY BARRIER RECTIFIER | Zowie Technology Corporation |
Link URL |
|
|
Related keyword |
| 1N5822 Datasheet | 1N5822 Cross Reference | 1N5822 Schematic | 1N5822 Distributor | 1N5822 Datenblatt | 1N5822 RoHS |
| 1N5822 Equivalent | 1N5822 Application Notes | 1N5822 Data Sheet | 1N5822 component | 1N5822 Fiche Technique | 1N5822 Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |