|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
DCH3053N1 - Input-Output Proportional 0-30kV DC-DC HV Power Supply - High Voltage Power Solutions, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PSD-15 | 15W DC-DC Single Output Switching Power Supply | 1 2 | Mean Well Enterprises Co., Ltd. |
| SPDC400-4W | DC-DC step down power supply | 1 2 3 4 5 More | STMicroelectronics |
| NCP1083 | Integrated High Power PoE-PD Interface & DC-DC Converter Controller with 9V Auxiliary Supply Support | 1 2 3 4 5 More | ON Semiconductor |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| DRT-240 | 240W Three Phase Industrial DIN RAIL Power Supply | 1 2 | Astrodyne Corporation |
| ATX-250GU | 250 Watts ATX12V Switching Power Supply | 1 2 | Sparkle Power Inc. |
| FSP100-50PL1 | 100 Watts Flex ATX Switching Power Supply | 1 | Sparkle Power Inc. |
| FSP180-60SPV | 180 Watts PS3 Size ATX12V Switching Power Supply | 1 | Sparkle Power Inc. |
| FSP250-50PLB | 220/250 Watts 1U ATX12V Switching Power Supply | 1 | Sparkle Power Inc. |
| RT-50 | 50W Triple Output Switching Power Supply | 1 2 | Astrodyne Corporation |
Datasheet Page |
1 |
Link URL |
|
|