|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PDM-27-10G - 0 POWER DIVIDER / COMBINER - Merrimac Industries, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| P-158 | 0 POWER DIVIDER / COMBINER | 1 | Merrimac Industries, Inc. |
| PD-30-150 | 0 POWER DIVIDER / COMBINER | 1 | Merrimac Industries, Inc. |
| PDF-4A-100 | 0 POWER DIVIDER / COMBINER | 1 | Merrimac Industries, Inc. |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| PDHM-20-400 | 0 POWER DIVIDER / COMBINER | 1 | Merrimac Industries, Inc. |
| PDM-23-1.7G | 0 POWER DIVIDER / COMBINER | 1 | Merrimac Industries, Inc. |
| PD1722J5050S3 | Ultra Low Profile 0805 Power Divider 3 Way 50Ω to 50Ω | 1 2 3 4 5 More | Anaren Microwave |
| SPD-3-7 | 3-WAY POWER DIVIDER SURFACE MOUNT WIDE BANDWIDTH 20 - 1200 MHz | 1 2 3 4 | SYNERGY MICROWAVE CORPORATION |
| P1XX-X | 4-WAY POWER DIVIDER TYPE-N | 1 | Advanced Technical Materials Inc. |
| PD4W18-12 | Four-Way Power Splitter Combiner 1.71-1.99 GHz | 1 2 3 4 5 | Skyworks Solutions Inc. |
Datasheet Page |
1 |
Link URL |
|
|