|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PDM-39-9G - 0 POWER DIVIDER /COMBINER - Merrimac Industries, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| PD3150J5050S2 | Ultra Low Profile 0805 Power Divider 50Ω to 50Ω | 1 2 3 4 5 More | Anaren Microwave |
| PDHM-20-400 | 0 POWER DIVIDER / COMBINER | 1 | Merrimac Industries, Inc. |
| DS52-0014 | Low Cost Two-Way GMIC SMT Power Divider 1700-2000MHz | 1 2 3 4 | Tyco Electronics |
| PD4859J5050S2 | Ultra Low Profile 0805 Power Divider 50Ω to 50Ω | 1 2 3 4 5 More | Anaren Microwave |
| HD2001 | 800MHz - 2.5 GHz 4 Way Power Divider | 1 | HBH Microwave GmbH |
| PDM-23-1.7G | 0 POWER DIVIDER / COMBINER | 1 | Merrimac Industries, Inc. |
| PD6080J5050S2 | Ultra Low Profile 0805 Power Divider 50Ω to 50Ω | 1 2 3 4 5 More | Anaren Microwave |
| HD5001 | 5.6 GHz 16 Way Power Divider | 1 | HBH Microwave GmbH |
| DCK-7J2S | 3-WAY POWER DIVIDER CONNECTORIZED MODEL | 1 2 3 4 | SYNERGY MICROWAVE CORPORATION |
Datasheet Page |
1 |
Link URL |
|
|