|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
PD-30-150 - 0 POWER DIVIDER / COMBINER - Merrimac Industries, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| P-158 | 0 POWER DIVIDER / COMBINER | 1 | Merrimac Industries, Inc. |
| CDRH127B | POWER INDUCTORS | 1 2 | Sumida Corporation |
| DSS-333 | Surface Mount Two-Way Power Divider 10 - 500 MHz | 1 2 | Tyco Electronics |
| DS-109 | Two-Way Power Divider 10 - 500MHz | 1 2 3 | Tyco Electronics |
| DSK-719S | 2-WAY POWER DIVIDER MODEL | 1 2 3 4 | SYNERGY MICROWAVE CORPORATION |
| PD0922J5075D2 | Ultra Low Profile 0805 Power Divider 50Ω to 75Ω | 1 2 3 4 5 More | Anaren Microwave |
| 2N6059_03 | SILICON NPN POWER DARLINGTON TRANSISTOR | 1 2 3 4 | STMicroelectronics |
| PD4W18-12 | Four-Way Power Splitter Combiner 1.71-1.99 GHz | 1 2 3 4 5 | Skyworks Solutions Inc. |
| MAPDCC0011 | Low Cost Two-Way GMIC SMT Power Divider 824-960 MHz | 1 2 3 | Tyco Electronics |
Datasheet Page |
1 |
Link URL |
|
|