|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SPPDF-01 - FIR Filter Development Suite for SPPDM-01 - Frequency Devices, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SPPDS-01 | Development Suite for SPP-01 | 1 | Frequency Devices, Inc. |
| B7740 | SAW Components Low-Loss Filter for Mobile Communication 1960 0 MHz | 1 2 3 4 5 More | EPCOS |
| B7761 | SAW Components Low-Loss Filter for Mobile Communication 836 5 MHz | 1 2 3 4 5 More | EPCOS |
| B7827 | SAW Components Low-Loss Filter for Mobile Communication 2140 0 MHz | 1 2 3 4 5 More | EPCOS |
| B9032 | SAW Components Low-Loss Filter for Mobile Communication 881 5 MHz | 1 2 3 4 5 More | EPCOS |
| LP38A | Low-Loss Filter for Multimedia Applications | 1 2 3 4 5 More | EPCOS |
| K9362M | IF Filter for Audio Applications | 1 2 3 4 5 | EPCOS |
| L9353M | IF Filter for Audio Applications | 1 2 3 4 5 | EPCOS |
| SF0035BA01847T | 35.3 MHz Filter for VSB system D/K - IF ApplicationsFilter | 1 2 | Integrated Circuit Systems |
| SF0044BA01979T | 44.0 MHz Filter with GD Pre-Distortion for VSB System M - IF Applications | 1 2 | Integrated Circuit Systems |
Datasheet Page |
1 |
Link URL |
|
|