|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
D72L2B - 16 Pin DIP 2-Pole Filters - Frequency Devices, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| D66L6B | 32 Pin DIP 6-Pole Filters | 1 2 3 4 5 More | Frequency Devices, Inc. |
| D68L8B | 32 Pin DIP 8-Pole Filters | 1 2 3 4 5 More | Frequency Devices, Inc. |
| K3500G_07 | 8 pin DIP 3.3 Volt CMOS Clock Oscillator | 1 2 | MTRONPTI |
| PS7112-1A_01 | 6 PIN DIP SOLID STATE RELAY | 1 2 3 4 5 More | NEC |
| CNY17-X | 6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER | 1 2 3 4 5 More | Everlight Electronics Co., Ltd |
| AC73 | 14 PIN DIP ACMOS CLOCK OSCILLATOR | 1 | Connor-Winfield Corporation |
| AGOF5S3 | 14 PIN DIP 5.0V STRATUM 3 HCMOS OCXO | 1 2 | Connor-Winfield Corporation |
| EE14-621 | 14 PIN DIP 3.3V PECL | 1 2 | Connor-Winfield Corporation |
| H10C | 14 PIN DIP HCMOS | 1 | Connor-Winfield Corporation |
| OVB3AC3AB | 14 PIN DIP 3.3V HCMOS OCVCXO | 1 2 | Connor-Winfield Corporation |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|