|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HJZ-B-100 - 0°/180°POWER DIVIDER / COMBINER - Merrimac Industries, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SP8402 | Very Low Phase Noise Divider by 2N | 1 2 3 4 5 More | Zarlink Semiconductor Inc |
| NB6N239S | 3.3 V 3.0 GHz Any Differential Clock IN to LVDS OUT ÷1/2/4/8 ÷2/4/8/16 Clock Divider | 1 2 3 4 5 More | ON Semiconductor |
| DSS-333 | Surface Mount Two-Way Power Divider 10 - 500 MHz | 1 2 | Tyco Electronics |
| DS-109 | Two-Way Power Divider 10 - 500MHz | 1 2 3 | Tyco Electronics |
| DSK-719S | 2-WAY POWER DIVIDER MODEL | 1 2 3 4 | SYNERGY MICROWAVE CORPORATION |
| PD0922J5075D2 | Ultra Low Profile 0805 Power Divider 50Ω to 75Ω | 1 2 3 4 5 More | Anaren Microwave |
| 300144Z | Ultra High Precision Z-Foil Voltage Divider Resistors with TCR | 1 2 3 4 5 | Vishay Siliconix |
| HJM-4R-6.5G | 0°/180°POWER DIVIDERS/COMBINERS | 1 2 | Merrimac Industries, Inc. |
| SP8714 | 2100 MHz Very Low Current Multi-Modulus Divider | 1 2 3 4 5 More | Zarlink Semiconductor Inc |
| NB7L32M | 2.5V/3.3V 14GHz ÷2 Clock Divider w/CML Output and Internal Termination | 1 2 3 4 5 More | ON Semiconductor |
Datasheet Page |
1 |
Link URL |
|
|