|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HJF-C-100SQ - 0/180° HYBRID JUNCTION - Merrimac Industries, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HJD-2Z-1.9G | HYBRID JUNCTION | 1 2 3 4 5 | Merrimac Industries, Inc. |
| H-1-4 | UHF Hybrid Junction 5 MHz - 1 GHz | 1 | Tyco Electronics |
| H-9 | Hybrid Junction 2 MHz - 2 GHz | 1 2 | Tyco Electronics |
| H-183-4_1 | Microwave Hybrid Junction 30 MHz - 3 GHz | 1 2 | Tyco Electronics |
| HH-105_1 | Hybrid Junction 20 - 300 MHz | 1 2 | Tyco Electronics |
| HH-106_1 | 180 Hybrid Junction 2 - 200 MHz | 1 2 | Tyco Electronics |
| HH-109_1 | Hybrid Junction 5 - 200 MHz | 1 2 | Tyco Electronics |
| HH-127_1 | Hybrid Junction 10 - 500 MHz | 1 2 3 | Tyco Electronics |
| HH-128_1 | Flatpack Hybrid Junction 20 - 2000 MHz | 1 2 | Tyco Electronics |
| 1A1G_07 | MINIATURE GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER | 1 2 | Pan Jit International Inc. |
Datasheet Page |
1 |
Link URL |
|
|