|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
424H4Y5-1 - 32-Pin DIP 4-Pole Filters - Frequency Devices, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 10F7.5A | Unlike conventional crystal filters | 1 | NIHON DEMPA KOGYO |
| LPU-B | CERAMIC FILTERS | 1 | EUROQUARTZ limited |
| CFU1101 | Common Mode Line Filters | 1 | Frontier Electronics. |
| 5BAF-LPBE4 | Differential Fixed Frequency Filters | 1 2 3 4 5 | Frequency Devices, Inc. |
| MOC3020 | 6pin DIP photocoupler triac driver output | 1 2 3 4 5 More | Lite-On Technology Corporation |
| MOC8111_04 | 6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS NO BASE CONNECTION | 1 2 3 4 5 More | Fairchild Semiconductor |
| M3E_0611 | 14 pin DIP 3.3 Volt ECL/PECL Clock Oscillator | 1 | MTRONPTI |
| EP9981-5 | 14 Pin DIP Delayed Pulse Width Generator TTL Compatible Active Delay Line Modules | 1 | PCA ELECTRONICS INC. |
| MDRC | Resistor/Capacitor Networks Dual-In-Line Molded DIP 16 Pin | 1 2 3 4 5 | Vaishali Semiconductor |
| BSI-10 | DIP SWITCH | 1 2 | DB Lectro Inc |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|