|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CRF-10A-250 - BI-DIRECTIONAL COUPLERS - Merrimac Industries, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| CH-134_1 | Bi-Directional Couplers 10 - 500 MHz | 1 2 3 | Tyco Electronics |
| CH-137 | 19.5dB Bi-Directional Couplers 0.5 - 400 MHz | 1 2 3 | Tyco Electronics |
| CH-138_1 | 11dB Bi-Directional Couplers 10 - 500 MHz | 1 2 | Tyco Electronics |
| CH-140_1 | 20dB Bi-Directional Couplers 1 - 5000 MHz | 1 2 | Tyco Electronics |
| SDC-8010 | HIGH POWER BI-DIRECTIONAL COUPLERS | 1 | SYNERGY MICROWAVE CORPORATION |
| KAP-241 | BI-DIRECTIONAL COUPLERS | 1 2 | SYNERGY MICROWAVE CORPORATION |
| C-114 | BI-DIRECTIONAL COUPLERS | 1 | Merrimac Industries, Inc. |
| FSA2257_07 | Low RON Low-Voltage Dual SPDT Bi-Directional Analog Switch | 1 2 3 4 5 More | Fairchild Semiconductor |
| ST1.5KPS6.8 | 1 500 WATTS PEAK PULSE POWER 6.8 - 440 VOLTS UNI-DIRECTIONAL AND BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR | 1 2 3 4 | Solid States Devices, Inc |
| PJSDA6V1BC6 | QUAD BI-DIRECTIONAL TVS/ZENER FOR ESD PROTECTION | 1 2 | Pan Jit International Inc. |
Datasheet Page |
1 |
Link URL |
|
|