|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BPM-2A-1500 - BIPHASE MODULATORS - Merrimac Industries, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BEM-2A-250 | BIPHASE MODULATORS | 1 | Merrimac Industries, Inc. |
| BPF-2A-250 | BIPHASE MODULATORS | 1 | Merrimac Industries, Inc. |
| BPG-2A-500 | BIPHASE MODULATOR | 1 | Merrimac Industries, Inc. |
| BPG-2B-505 | BIPHASE MODULATOR | 1 | Merrimac Industries, Inc. |
| CS5371A | Low-power High-performance Modulators | 1 2 3 4 5 More | Cirrus Logic |
| ADL5590 | 869 MHz to 1990 MHz Quadrature Modulators | 1 2 3 4 5 More | Analog Devices |
| MADR-007131-000100 | Dual Linear Driver for Vector Modulators | 1 2 3 4 5 More | Tyco Electronics |
| 70666 | Modulators Balanced | 1 | Anaren Microwave |
| 70668 | Modulators Balanced | 1 | Anaren Microwave |
| 90337-DC | Modulators Single Sideband | 1 | Anaren Microwave |
Datasheet Page |
1 |
Link URL |
|
|