|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LOU1035 - Colorless transparency 3.5 × 2.7 × 1.8 mm(L×W×H) small size surface mount type - LUXPIA |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LCH1035 | 3.5 Ã 2.7 Ã 1.8 mm LÃWÃH small size surface mount type | 1 2 3 4 5 More | LUXPIA |
| LGH1035 | SMD Top View Type 3.5 Ã 2.7 Ã 1.8 mm LÃWÃH small size surface mount type | 1 2 3 4 5 More | LUXPIA |
| LBW1035 | 3.5 Ã 2.7 Ã 1.8 mm LÃWÃH small size surface mount type | 1 2 3 4 5 More | LUXPIA |
| LGH1000 | Colorless transparency 1.6Ã0.8Ã0.4 mm LÃWÃH small size surface mount type | 1 2 3 4 5 More | LUXPIA |
| LBW1000 | 1.6Ã0.8Ã0.4 mm LÃWÃH small size surface mount type | 1 2 3 4 5 More | LUXPIA |
| CM130_1 | MOST APPROPRIATE FOR HIGH-DENSITY CIRCUIT BOARD BY THE SMALL SURFACE MOUNT TYPE | 1 | List of Unclassifed Manufacturers |
| LRCS | SMALL SIZE LOW VALUE CURRENT SENSE SURFACE MOUNT CHIP RESISTORS | 1 2 | Welwyn Components Limited |
| FM723-NS | Surface mount small signal type | 1 2 | Formosa MS |
| ACSA04-41SURKWA-F01 | SURFACE MOUNT DISPLAY | 1 2 3 4 5 | Kingbright Corporation |
| PR1DD | 3.5 x 6.0 x 1.0 mm Surface Mount Crystals | 1 2 | MTRONPTI |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 |
Link URL |
|
|