|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
L-20501 - 50 KHz SMPS Inductor - Toroid Mount Package - Rhombus Industries Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| L-20500 | 50 KHz SMPS Inductor - Toroid Mount Package | 1 | Rhombus Industries Inc. |
| L-20436K | SMPS Inductor - Toroid Mount Package | 1 | Rhombus Industries Inc. |
| L-20432 | SMPS Inductor - Toroid | 1 | Rhombus Industries Inc. |
| L-20436 | SMPS Inductor - Toroid | 1 | Rhombus Industries Inc. |
| IMC-1008 | High Frequency Surface Mount Inductor | 1 2 3 | Vishay Siliconix |
| 1SS355 | 200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Speed Switching Diode | 1 2 3 4 | Tak Cheong Electronics (Holdings) Co.,Ltd |
| IDC-5020_05 | High Current Surface Mount Inductor | 1 2 | Vishay Siliconix |
| MMSZ5221BW | 500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators | 1 2 3 4 5 | Tak Cheong Electronics (Holdings) Co.,Ltd |
| LSML-201212 | Surface Mount Multilayer Chip Inductor | 1 | List of Unclassifed Manufacturers |
| IDCP-3114_06 | High Current Surface Mount Inductor | 1 2 | Vishay Siliconix |
Datasheet Page |
1 |
Link URL |
|
|