|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
31DQ15 - SCHOTTKY RECTIFIER - Sensitron |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| STPS80L15CY | LOW DROP OR-ing POWER SCHOTTKY RECTIFIER | 1 2 3 4 5 | STMicroelectronics |
| STPS80L60CY | POWER SCHOTTKY RECTIFIER | 1 2 3 4 | STMicroelectronics |
| STB70NFS03L_06 | N-channel - 30V - 0.0075ohm - 70A D2PAK STripFET TM Power MOSFET plus schottky rectifier | 1 2 3 4 5 More | STMicroelectronics |
| MBRS3201T3_05 | 200V 3A Schottky Fast Soft−Recovery Power Rectifier SMC Power Surface Mount Package | 1 2 3 4 | ON Semiconductor |
| SBL1630CT_1 | 16A SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| SBL1030CT_1 | 10A SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| B0540W_1 | 0.5A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| B0530WS_1 | SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| B320_1 | 3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER | 1 2 3 | Diodes Incorporated |
| 40CPQ050PBF | SCHOTTKY RECTIFIER | 1 2 3 4 5 More | International Rectifier |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|