|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
CLG-60 - 30~60W Single Output with PFC - Mean Well Enterprises Co., Ltd. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| SDR-240 | 240W Single Output Industrial DIN RAIL with PFC Function | 1 2 3 | Mean Well Enterprises Co., Ltd. |
| USP225 | 225W Single Output with PFC Function | 1 2 | Astrodyne Corporation |
| DRP-480S | 480W Single Output Industrial DIN RAIL with PFC Function PFC function for DRP-480 only | 1 2 3 4 | Astrodyne Corporation |
| PSP-1000 | 1000W Single Output with PFC Function | 1 2 | Astrodyne Corporation |
| USP-225 | 225W Single Output with PFC Function | 1 2 | Mean Well Enterprises Co., Ltd. |
| LPP-100 | 100W Single Output with PFC Function | 1 2 | Astrodyne Corporation |
| PSP-1500 | 1500W Single Output with PFC Function | 1 2 | Astrodyne Corporation |
| DRP-480 | 480W Single Output Industrial DIN RAIL with PFC Function | 1 2 | Mean Well Enterprises Co., Ltd. |
| USP-350 | 350W Single Output with PFC Function | 1 2 | Mean Well Enterprises Co., Ltd. |
| LPP-150 | 150W Single Output with PFC Function | 1 2 | Astrodyne Corporation |
Datasheet Page |
1 |
Link URL |
|
|