|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
D2TZM1-20M - 14 Pin 10-Tap TTL Buffered Delay Modules - Rhombus Industries Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AIDM-7 | AIDM Series FAST / TTL Buffered 5-Tap Delay Modules | 1 | Rhombus Industries Inc. |
| AMDM-7 | AMDM Series FAST / TTL Buffered 5-Tap Delay Modules | 1 | Rhombus Industries Inc. |
| EPA563-1 | 16 Pin DIP 3 Bit Programmable TTL Delay Lines With I/O Completely Buffered | 1 | PCA ELECTRONICS INC. |
| AIZ-55 | AIZ Series Passive 10-Tap DIP/SMD Delay Modules | 1 2 | Rhombus Industries Inc. |
| EP9981-5 | 14 Pin DIP Delayed Pulse Width Generator TTL Compatible Active Delay Line Modules | 1 | PCA ELECTRONICS INC. |
| EP9206-005 | 14 Pin DIP Triple TTL Compatible Active Delay Lines | 1 | List of Unclassifed Manufacturers |
| EPA1140-XX | SMD 8 Pin 5 Tap TTL Compatible Active Delay Lines | 1 | PCA ELECTRONICS INC. |
| ACDM-30 | ACDM Series Advanced CMOS Logic Buffered 5-Tap Delay Modules | 1 | Rhombus Industries Inc. |
| ACMDM-30 | ACMDM Series Advanced CMOS Logic Buffered 5-Tap Delay Modules | 1 | Rhombus Industries Inc. |
Datasheet Page |
1 |
Link URL |
|
|