|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MJ16002 - POWER TRANSISTOR(5A,450V,125W) - Mospec Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MJ16006 | POWER TRANSISTORS 8A 450V 150W | 1 2 3 4 | Mospec Semiconductor |
| BUW46 | NPN SILICON POWER TRANSISTOR | 1 2 | Seme LAB |
| 2SC2166 | NPN EPITAXIAL PLANAR TYPE RF POWER TRANSISTOR ã | 1 2 3 | Mitsubishi Electric Semiconductor |
| BUH315 | HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR | 1 2 3 4 5 More | STMicroelectronics |
| BUZ72 | SIPMOS Power Transistor | 1 2 3 4 5 More | Infineon Technologies AG |
| 2SC3017 | NPN EPITAXIAL PLANAR TYPE RF POWER TRANSISTOR | 1 2 | Mitsubishi Electric Semiconductor |
| BUL381 | HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR | 1 2 3 4 5 More | STMicroelectronics |
| BUZ350 | SIPMOS Power Transistor | 1 2 3 4 5 More | Infineon Technologies AG |
| 2SC3628 | NPN EPITAXIAL PLANAR TYPE RF POWER TRANSISTOR | 1 2 3 | Mitsubishi Electric Semiconductor |
| BULT118D | HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR | 1 2 3 4 5 More | STMicroelectronics |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|