|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
GPTG2044 - PHASE CONTROLLED SCR - Green Power Solutions srl |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| GETG0062 | PHASE CONTROLLED SCR | 1 2 | Green Power Solutions srl |
| GETG0105 | PHASE CONTROLLED SCR | 1 2 | Green Power Solutions srl |
| GETG0130 | PHASE CONTROLLED SCR | 1 2 | Green Power Solutions srl |
| GETG2043 | PHASE CONTROLLED SCR | 1 2 | Green Power Solutions srl |
| GPTR3190 | PHASE CONTROLLED SCR | 1 2 | List of Unclassifed Manufacturers |
| GETG2064 | PHASE CONTROLLED SCR | 1 | Green Power Solutions srl |
| GPTR4154 | PHASE CONTROLLED SCR | 1 2 | List of Unclassifed Manufacturers |
| 12TTS08PBF | SAFEIR Series PHASE CONTROL SCR Lead-Free PbF suffix | 1 2 3 4 5 More | International Rectifier |
| 10TTS08S | Surface Mountable Phase Control SCR 10 A | 1 2 3 4 5 More | Vishay Siliconix |
| 25TTSFPPBF | Phase Control SCR TO-220AB FULL-PAK 25 A | 1 2 3 4 5 More | Vishay Siliconix |
Datasheet Page |
1 2 |
Link URL |
|
|