|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
3412EFE - 2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator - Linear Technology |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LTC3414 | 4A 4MHz Monolithic Synchronous Step-Down Regulator | 1 2 3 4 5 More | Linear Technology |
| LTC3417 | Dual Synchronous 1.4A/800mA 4MHz Step-Down DC/DC Regulator | 1 2 3 4 5 More | Linear Technology |
| LTC1707_1 | High Efficiency Monolithic Synchronous Step-Down Switching Regulator | 1 2 3 4 5 More | Linear Technology |
| LTC3417A | Dual Synchronous 1.5A/1A 4MHz Step-Down DC/DC Regulator | 1 2 3 4 5 More | Linear Technology |
| ST1S10 | 3 A 900 kHz monolithic synchronous step-down regulator | 1 2 3 4 5 More | STMicroelectronics |
| RT8004 | 3A 4MHz Synchronous Step-Down Regulator | 1 2 3 4 5 More | Richtek Technology Corporation |
| RT8011 | 2A 4MHz Synchronous Step-Down Regulator | 1 2 3 4 5 More | Richtek Technology Corporation |
| LM3102 | SIMPLE SWITCHER® Synchronous 1MHz 2.5A Step-Down Voltage Regulator | Coming Soon | National Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 |
Link URL |
|
|