Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOT14N50 Datasheet (PDF) - Alpha & Omega Semiconductors

AOT14N50 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOT14N50
Download  AOT14N50 Download

File Size   180.22 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 500V, 14A N-Channel MOSFET

AOT14N50 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOT14N50 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOT14N50
Download  AOT14N50 Click to download

File Size   180.22 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 500V, 14A N-Channel MOSFET

AOT14N50 Datasheet (HTML) - Alpha & Omega Semiconductors

AOT14N50 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOT14N50 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOT14N50 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOT14N50 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOT14N50 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOT14N50 Datasheet HTML 6Page - Alpha & Omega Semiconductors

AOT14N50 Product details

General Description
The AOT14N50 &AOB14N50 & AOTF14N50 have been fabricated using an advanced high voltage MOSFET process that is designed to deliver high levels of performance and robustness in popular AC-DC applications.By providing low RDS(on), Ciss and Crss along with guaranteed avalanche capability these parts can be adopted quickly into new and existing offline power supply designs.

For Halogen Free add "L" suffix to part number:
AOT14N50L & AOTF14N50L & AOB14N50L

Product Summary
• VDS                   600V@150℃
• ID (at VGS=10V)       14A
• RDS(ON) (at VGS=10V)  < 0.38Ω
• 100% UIS Tested
• 100% Rg Tested




Similar Part No. - AOT14N50

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT14N50 AOSMD-AOT14N50 Datasheet
263Kb / 6P
   500V, 14A N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AOT14N50 VBSEMI-AOT14N50 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOT14N50 ISC-AOT14N50 Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Alpha & Omega Semicondu...
AOT14N50FD AOSMD-AOT14N50FD Datasheet
237Kb / 6P
   500V, 14A N-Channel MOSFET
logo
Inchange Semiconductor ...
AOT14N50FD ISC-AOT14N50FD Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Similar Description - AOT14N50

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOW14N50 AOSMD-AOW14N50 Datasheet
329Kb / 6P
   500V, 14A N-Channel MOSFET
AOT14N50FD AOSMD-AOT14N50FD Datasheet
237Kb / 6P
   500V, 14A N-Channel MOSFET
AOB14N50 AOSMD-AOB14N50 Datasheet
263Kb / 6P
   500V, 14A N-Channel MOSFET
logo
Unisonic Technologies
14N50 UTC-14N50 Datasheet
198Kb / 6P
   14A, 500V N-CHANNEL POWER MOSFET
UF450 UTC-UF450_11 Datasheet
237Kb / 6P
   14A, 500V N-CHANNEL POWER MOSFET
logo
Intersil Corporation
IRFP450 INTERSIL-IRFP450 Datasheet
55Kb / 7P
   14A, 500V, 0.400 Ohm, N-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
IRFP450 NJSEMI-IRFP450 Datasheet
841Kb / 3P
   N - CHANNEL 500V - 0.33Q - 14A - TO-247 PowerMESH??MOSFET
logo
STMicroelectronics
IRFP450 STMICROELECTRONICS-IRFP450 Datasheet
90Kb / 8P
   N - CHANNEL 500V - 0.33ohm - 14A - TO-247 PowerMESH] MOSFET
STW14NC50 STMICROELECTRONICS-STW14NC50 Datasheet
266Kb / 8P
   N-CHANNEL 500V - 0.31W - 14A TO-247 PowerMesh II MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com