|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Featured Products and Offers |
|
|
Datasheet |
UFE - 3 hot pluggable rectifiers per 1U chassis, up to 4 kW redundant or 6 kW available power - Emerson Network Power |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| RJK6014DPP | Silicon N Channel MOS FET High Speed Power Switching | 1 2 3 4 | Renesas Technology Corp |
| VPS20-4000 | POWER TRANSFORMER CHASSIS MOUNT : CONNECT WORLD SERIES | 1 | TRIAD MAGNETICS |
| VPS36-4800 | POWER TRANSFORMER CHASSIS MOUNT : QUICK-CONNECT WORLD SERIES | 1 | TRIAD MAGNETICS |
| UCC3918 | LOW ON-RESISTANCE HOT SWAP POWER MANAGER | 1 2 3 4 5 More | Texas Instruments |
| STPS1100U | POWER SCHOTTKY RECTIFIERS | 1 2 3 4 5 | STMicroelectronics |
| MUR1620CT_1 | 16.0 AMPS. Switchmode Power Rectifiers | 1 2 | Taiwan Semiconductor Company, Ltd |
| SKB30_07 | Power Bridge Rectifiers | 1 2 3 | Semikron International |
| SKD100 | Power Bridge Rectifiers | 1 2 3 | Semikron International |
| VPS20-6500 | POWER TRANSFORMER CHASSIS MOUNT : QUICK-CONNECT WORLD SERIES | 1 | TRIAD MAGNETICS |
| VPS230-110 | POWER TRANSFORMER CHASSIS MOUNT : QUICK-CONNECT WORLD SERIES | 1 | TRIAD MAGNETICS |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|