|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
1PS79SB40 - SCHOTTKY BARRIER DIODE - Guangdong Kexin Industrial Co.,Ltd |
|
Click 1PS79SB40 to view datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| XBS203V17 | Schottky Barrier Diode 2A 30V Type | Torex Semiconductor |
| RKD700KJ | Silicon Schottky Barrier Diode for Backflow prevention | Renesas Technology Corp |
| HRU0302A | Silicon Schottky Barrier Diode for Rectifying | Renesas Technology Corp |
| HSB88YP | Silicon Schottky Barrier Diode for High Speed Switching | Renesas Technology Corp |
| HSM198S | Silicon Schottky Barrier Diode for Various Detector | Renesas Technology Corp |
| HSL276A | Silicon Schottky Barrier Diode for Detector | Renesas Technology Corp |
| CPH5870 | N-Channel Silicon MOSFET Schottky Barrier Diode General-Purpose Switching Device Applications | Sanyo Semicon Device |
| TCBAT42 | 200 mW DO-35 Hermetically Sealed Glass Fast Switching Schottky Barrier Diode | Tak Cheong Electronics (Holdings) Co.,Ltd |
| SD101BWS | SURFACE MOUNT SCHOTTKY BARRIER DIODE | Guangdong Kexin Industrial Co.,Ltd |
| HSB276S | Silicon Schottky Barrier Diode | Guangdong Kexin Industrial Co.,Ltd |
Link URL |
|
|
Related keyword |
| 1PS79SB40 Datasheet | 1PS79SB40 Cross Reference | 1PS79SB40 Schematic | 1PS79SB40 Distributor | 1PS79SB40 Datenblatt | 1PS79SB40 RoHS |
| 1PS79SB40 Equivalent | 1PS79SB40 Application Notes | 1PS79SB40 Data Sheet | 1PS79SB40 component | 1PS79SB40 Fiche Technique | 1PS79SB40 Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2009 |
| |