|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
S15-48-5 - 48Vin 5.0Vout 3A - Broadband TelCom Power, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HBO50A-48-5.0 | 48Vin 5.0Vout 50A | 1 2 3 4 5 More | Broadband TelCom Power, Inc. |
| HBO60A-48-2.5 | 48Vin 2.5Vout 60A | 1 2 3 4 5 More | Broadband TelCom Power, Inc. |
| E48SB9R625 | Delphi Series E48SB 240W Eighth Brick Bus Converter DC/DC Power Modules: 48Vin 9.6V/25A out | 1 2 3 4 5 More | Delta Electronics, Inc. |
| HBO70A-48-3.3 | 48Vin 3.3Vout 70A | 1 2 3 4 5 More | Broadband TelCom Power, Inc. |
| F48SA28025 | Delphi Series F48SA 700W Full Brick Family DC/DC Power Module: 48Vin 28Vout | 1 2 3 4 5 More | Delta Electronics, Inc. |
| HBO80A-48-2.5 | 48Vin 2.5Vout 80A | 1 2 3 4 5 More | Broadband TelCom Power, Inc. |
| V48B48C250A | 48Vin / 48Vout / 250Watts DC-DC Converter Module | 1 2 3 4 5 More | Vicor Corporation |
| HBO100A-48-1.8 | 48Vin 1.8Vout 100A | 1 2 3 4 5 More | Broadband TelCom Power, Inc. |
| V48A24C500A | 48Vin / 24Vout / 500Watts DC-DC Converter Module | 1 2 3 4 5 More | Vicor Corporation |
| S15-48-1.5 | 48Vin 1.5Vout 6A | 1 2 3 4 5 More | Broadband TelCom Power, Inc. |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 |
Link URL |
|
|