|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SSA256 - 45 degree mount 6 x 3mm LED ARRAY - Bedford Opto Technology Ltd. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BOT107 | 4 Way 3mm LED Array 90 deg Mount | 1 2 | Bedford Opto Technology Ltd. |
| SSA021 | 7 WAY 5mm LED ARRAY RIGHT ANGLE MOUNT | 1 2 | Bedford Opto Technology Ltd. |
| SSA190 | 3mm LED ARRAY 6 WAY 2 HIGH | 1 2 | Bedford Opto Technology Ltd. |
| BOT1806 | 6 ELEMENT PCB MOUNT 1.8mm LED ARRAY | 1 2 | Bedford Opto Technology Ltd. |
| ORT2400 | 4 ELEMENT PCB MOUNT 1.8mm LED ARRAY | 1 2 | Bedford Opto Technology Ltd. |
| ORT9303 | 3 ELEMENT PCB MOUNT 1.8mm LED ARRAY | 1 2 | Bedford Opto Technology Ltd. |
| BOT123 | 3 Way 2 Tier 3mm LED Array | 1 2 | Bedford Opto Technology Ltd. |
| WP42WUM-EGW | 3mm RIGHT ANGLE LED INDICATOR | 1 2 3 4 5 | Kingbright Corporation |
| WP130WDT-EYW | T-1 3mm RIGHT ANGLE LED INDICATOR | 1 2 3 4 5 | Kingbright Corporation |
| WP934EB-2ID | T-1 3mm BI-LEVEL LED INDICATOR | 1 2 3 4 | Kingbright Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|