|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BAO10-60 - 10 ~ 60W Open Frame AC-DC Power Modules - Broadband TelCom Power, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BAO60 | 60W Open Frame AC-DC Power Modules | 1 2 | Broadband TelCom Power, Inc. |
| BAO10 | 10W Open Frame AC-DC Power Modules | 1 2 | Broadband TelCom Power, Inc. |
| BAO15 | 15W Open Frame AC-DC Power Modules | 1 2 | Broadband TelCom Power, Inc. |
| BAO20 | 20W Open Frame AC-DC Power Modules | 1 2 | Broadband TelCom Power, Inc. |
| BAO40 | 40W Open Frame AC-DC Power Modules | 1 2 | Broadband TelCom Power, Inc. |
| BAO100 | 100W Open Frame AC-DC Power Modules with PFC | 1 2 | Broadband TelCom Power, Inc. |
| VFM100 | open frame ac-dc power supply | 1 2 3 | CUI INC, |
| ASL60 | 60W Ultraminiature Open Frame Switching Power Supplies | 1 2 3 4 | Astrodyne Corporation |
| ASM60 | 60W Ultraminiature Medical Open Frame Switching Power Supplies | 1 2 3 4 | Astrodyne Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|