|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HBO80A-48-2.5 - 48Vin 2.5Vout 80A - Broadband TelCom Power, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HBO60A-48-2.5 | 48Vin 2.5Vout 60A | 1 2 3 4 5 More | Broadband TelCom Power, Inc. |
| HBO50A-48-5.0 | 48Vin 5.0Vout 50A | 1 2 3 4 5 More | Broadband TelCom Power, Inc. |
| FDP038AN06A0_05 | N-Channel PowerTrench® MOSFET 60V 80A 3.8m⦠| 1 2 3 4 5 More | Fairchild Semiconductor |
| FGH80N60FD2 | 600V 80A Field Stop IGBT | 1 2 3 4 5 More | Fairchild Semiconductor |
| HBO70A-48-3.3 | 48Vin 3.3Vout 70A | 1 2 3 4 5 More | Broadband TelCom Power, Inc. |
| SSR8045CTP | 80A 45 V SCHOTTKY CENTERTAP RECTIFIER | 1 2 | Solid States Devices, Inc |
| FDP8442 | N-Channel PowerTrench® MOSFET 40V 80A 3.1mΩ | 1 2 3 4 5 More | Fairchild Semiconductor |
| E48SB9R625 | Delphi Series E48SB 240W Eighth Brick Bus Converter DC/DC Power Modules: 48Vin 9.6V/25A out | 1 2 3 4 5 More | Delta Electronics, Inc. |
| STP80NF06 | N-CHANNEL 60V - 0.0065OHM - 80A TO-220/D2PAK/TO-247 STripFET II POWER MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| SPB8080 | 4 X 80A SCHOTTKY BARRIER RECTIFIER | 1 2 | Microsemi Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|