|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HBO70A-48-3.3 - 48Vin 3.3Vout 70A - Broadband TelCom Power, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| V48A3V3C264A | 48Vin / 3.3Vout / 264Watts DC-DC Converter Module | 1 2 3 4 5 More | Vicor Corporation |
| HBO21A-48-12 | 48Vin 12Vout 21A | 1 2 3 4 5 More | Broadband TelCom Power, Inc. |
| FGA70N30T | 300V 70A PDP IGBT | 1 2 3 4 5 More | Fairchild Semiconductor |
| V300A3V3C264A | 300Vin / 3.3Vout / 264Watts DC-DC Converter Module | 1 2 3 4 5 More | Vicor Corporation |
| HBO50A-48-5.0 | 48Vin 5.0Vout 50A | 1 2 3 4 5 More | Broadband TelCom Power, Inc. |
| FGA70N30TD | 300V 70A PDP IGBT | 1 2 3 4 5 More | Fairchild Semiconductor |
| V24A3V3C264A | 24Vin / 3.3Vout / 264Watts DC-DC Converter Module | 1 2 3 4 5 More | Vicor Corporation |
| HBO60A-48-2.5 | 48Vin 2.5Vout 60A | 1 2 3 4 5 More | Broadband TelCom Power, Inc. |
| STB70NF03L_06 | N-channel 30V - 0.0075ohm - 70A - D2PAK - I2PAK - TO-220 Low gate charge STripFET TM II Power MOSFET | 1 2 3 4 5 More | STMicroelectronics |
| E48SB9R625 | Delphi Series E48SB 240W Eighth Brick Bus Converter DC/DC Power Modules: 48Vin 9.6V/25A out | 1 2 3 4 5 More | Delta Electronics, Inc. |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|