|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HB75-12 - 12Vin 2.5, 3.3, 5.0, 12, 15, 24Vout 75W - Broadband TelCom Power, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HB50-12 | 12Vin 2.5 3.3 5.0 12 15 24Vout 50W | 1 2 3 4 5 More | Broadband TelCom Power, Inc. |
| HB50-24 | 24Vin 2.5 3.3 5.0 12 15 24Vout 50W | 1 2 3 4 5 More | Broadband TelCom Power, Inc. |
| HB50-48 | 48Vin 2.5 3.3 5.0 12 15 24Vout 50W | 1 2 3 4 5 More | Broadband TelCom Power, Inc. |
| VCC4 | 1.8 2.5 3.3 5.0 volt CMOS Oscillator | 1 2 3 4 5 More | Vectron International, Inc |
| VCC1 | 1.8 2.5 3.3 5.0 volt CMOS Oscillator | 1 2 3 4 5 More | Vectron International, Inc |
| TA48018F_06 | 1.8 V 2 V 2.5 V 3 V 3.3 V 5 V Three-Terminal Low Dropout Voltage Regulator with Output Current of 1 A | 1 2 3 4 5 More | Toshiba Semiconductor |
| NB3N551 | 3.3 V / 5.0 V Ultra-Low Skew 1:4 Clock Fanout Buffer | 1 2 3 4 5 | ON Semiconductor |
| XO3030_07 | 1x1.25 inch 3.3 & 5.0 Volt HCMOS/Sinewave TCXO | 1 | MTRONPTI |
| SKY65006 | 3.3 V 2.5 GHz Linear Power Amplifier | 1 2 3 4 5 More | Skyworks Solutions Inc. |
| SC16C2550B_07 | 5 V 3.3 V and 2.5 V dual UART 5 Mbit/s max. with 16-byte FIFOs | 1 2 3 4 5 More | NXP Semiconductors |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|