|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HB50-24 - 24Vin 2.5, 3.3, 5.0, 12, 15, 24Vout 50W - Broadband TelCom Power, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HB50-12 | 12Vin 2.5 3.3 5.0 12 15 24Vout 50W | 1 2 3 4 5 More | Broadband TelCom Power, Inc. |
| VCC4 | 1.8 2.5 3.3 5.0 volt CMOS Oscillator | 1 2 3 4 5 More | Vectron International, Inc |
| VCC1 | 1.8 2.5 3.3 5.0 volt CMOS Oscillator | 1 2 3 4 5 More | Vectron International, Inc |
| M3H_0611 | 8 pin DIP 3.3 or 5.0 Volt HCMOS/TTL Clock Oscillator | 1 | MTRONPTI |
| M6049 | 14 Pin Dip 3.3 & 5.0 Volt HCMOS Clipped Sinewave Precision TCXO/TCVCXO | 1 2 3 4 5 More | MTRONPTI |
| SC16C550B | 5 V 3.3 V and 2.5 V UART with 16-byte FIFOs | 1 2 3 4 5 More | NXP Semiconductors |
| V24C24C100A | 24Vin / 24Vout / 100Watts DC-DC Converter Module | 1 2 3 4 5 More | Vicor Corporation |
| M3L_07 | 3.2x5 mm 3.3 or 5.0 Volt HCMOS Clock Oscillator | 1 2 | MTRONPTI |
| MV3 | 5x7 mm 3.3 or 5.0 Volt HCMOS VCXO | 1 2 | MTRONPTI |
| SC16C752B | 5 V 3.3 V and 2.5 V dual UART 5 Mbit/s max. with 64-byte FIFOs | 1 2 3 4 5 More | NXP Semiconductors |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|