|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HB50-12 - 12Vin 2.5, 3.3, 5.0, 12, 15, 24Vout 50W - Broadband TelCom Power, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| VCC4 | 1.8 2.5 3.3 5.0 volt CMOS Oscillator | 1 2 3 4 5 More | Vectron International, Inc |
| VCC1 | 1.8 2.5 3.3 5.0 volt CMOS Oscillator | 1 2 3 4 5 More | Vectron International, Inc |
| SKY65006 | 3.3 V 2.5 GHz Linear Power Amplifier | 1 2 3 4 5 More | Skyworks Solutions Inc. |
| M4003_0611 | 9x14 mm 5.0 or 3.3 Volt PECL VCSO | 1 2 | MTRONPTI |
| SC16C2550B_07 | 5 V 3.3 V and 2.5 V dual UART 5 Mbit/s max. with 16-byte FIFOs | 1 2 3 4 5 More | NXP Semiconductors |
| CS5204-1_06 | 4.0 A Adjustable and 3.3 V and 5.0 V Fixed Linear Regulators | 1 2 3 4 5 More | ON Semiconductor |
| VCC6-V | 2.5 or 3.3 volt LVDS Oscillator | 1 2 3 4 5 More | Vectron International, Inc |
| M2532 | 2.5 x 3.2 mm 3.3 Volt HCMOS Clock Oscillator | 1 | MTRONPTI |
| M3H_0611 | 8 pin DIP 3.3 or 5.0 Volt HCMOS/TTL Clock Oscillator | 1 | MTRONPTI |
| M6049 | 14 Pin Dip 3.3 & 5.0 Volt HCMOS Clipped Sinewave Precision TCXO/TCVCXO | 1 2 3 4 5 More | MTRONPTI |
Datasheet Page |
1 2 3 4 5 6 7 8 |
Link URL |
|
|