|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BSIP05-05 - 5A SIP & SMT 5V Input DC-DC Converters - Broadband TelCom Power, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 4AB | 5W-6W Wide Input DC-DC Converters | 1 2 | Broadband TelCom Power, Inc. |
| 3B-01 | 7.5W Wide Input DC-DC Converters | 1 2 | Broadband TelCom Power, Inc. |
| 5A-05S33 | 6W-24W Wide Input DC-DC Converters | 1 2 | Broadband TelCom Power, Inc. |
| PTB48560A | 30-W 48-V INPUT DC/DC CONVERTERS WITH AUTO-TRACK TM SEQUENCING | 1 2 3 4 5 More | Texas Instruments |
| 2A-01 | 1.5W DC-DC Converters | 1 2 | Broadband TelCom Power, Inc. |
| EXB50 | 20-50 W High Efficiency DC-DC Converters | 1 2 3 | Emerson Network Power |
| FC250F1 | Power Module: dc-dc Converter; 18 Vdc to 36 Vdc Input 3.3 Vdc Output; 165 W | 1 2 3 4 5 More | Tyco Electronics |
| DC048B | 48 V Input DC-DC Converter Modules | 1 2 3 4 5 More | Vicor Corporation |
| APC12_02 | Non-Isolated DC/DC Power Module Tiny SMT Footprint - 1.8V-12V Input 0.9V to 3.6V Output | 1 2 3 4 5 More | Astec America, Inc |
| IRF7828PBF | HEXFET® Power MOSFET for DC-DC Converters | 1 2 3 4 5 More | International Rectifier |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|