|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BAO100 - 100W Open Frame AC-DC Power Modules with PFC - Broadband TelCom Power, Inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| PSPW120 | 120 Watts with PFC AC/DC Open Frame Power Supply | 1 2 | Wall Industries,Inc. |
| PMK150 | 150 Watt Open Frame Switching Power Supply with PFC | 1 2 3 4 | Astrodyne Corporation |
| BAO10 | 10W Open Frame AC-DC Power Modules | 1 2 | Broadband TelCom Power, Inc. |
| BAO15 | 15W Open Frame AC-DC Power Modules | 1 2 | Broadband TelCom Power, Inc. |
| REL70 | 70 Watt Open Frame Switching Power Supply with PFC | 1 2 3 | Astrodyne Corporation |
| BAO20 | 20W Open Frame AC-DC Power Modules | 1 2 | Broadband TelCom Power, Inc. |
| REL110 | 110 Watt Open Frame Switching Power Supply with PFC | 1 2 3 | Astrodyne Corporation |
| BAO40 | 40W Open Frame AC-DC Power Modules | 1 2 | Broadband TelCom Power, Inc. |
| REL150 | 150 Watt Open Frame Switching Power Supply with PFC | 1 2 3 | Astrodyne Corporation |
Datasheet Page |
1 2 |
Link URL |
|
|