Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      BXB75(13)

Featured Products and Offers


Datasheet

    BXB75 - Industry standard footprint MTBF >1.4 million hours (Bellcore 332) - Emerson Network Power

Page

Part No. BXB75
Description  Industry standard footprint MTBF >1.4 million hours (Bellcore 332)
Download  BXB75 Click to view
File Size   240.74 Kbytes / 4 Pages
Maker  EMERSON-NETWORKPOWER [Emerson Network Power]
Homepage  http://www.emersonnetworkpower.com
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BXB50Industry standard footprint MTBF >1.4 million hours Bellcore 332 1 2 3 4 Emerson Network Power
AEH10Industry standard pin-out & performance 100°C baseplate temperature no derating 1 2 Emerson Network Power
AEQ20B48Quarter brick industry standard outline 1 2 Emerson Network Power
AV60CIndustry standard pin-out & performance 100°C baseplate temperature no derating 1 2 Emerson Network Power
AEH60F48Industry Standard Brick - 36-75V Input 3.3V / 60A Output 1 2 3 4 5 MoreAstec America, Inc
AEH80Industry Standard ½ Brick: 36V-75V Input / 80A Output Current 1 2 3 4 5 MoreAstec America, Inc
AEQ15AF48Industry Standard ¼ Brick w/ Baseplate: 36V-75V Input; 60W Output Power 1 2 3 4 5 MoreAstec America, Inc
AEQ75Y48Industry Standard ¼ Brick: 36V-75V Input / 1.8V @ 75A Output Current 1 2 3 4 5 MoreAstec America, Inc
ISL8840AHigh Performance Industry Standard Single-Ended Current Mode PWM Controller 1 2 3 4 5 MoreIntersil Corporation
ALQ15XX48XIndustry Standard ¼ Brick: 36V-75V Input / 60W Output Power 1 2 3 4 5 MoreAstec America, Inc

Datasheet Page

1 2 3 4


Link URL

Related keyword

  BXB75 Datasheet   BXB75 Cross Reference   BXB75 Schematic   BXB75 Distributor   BXB75 Datenblatt   BXB75 RoHS
  BXB75 Equivalent   BXB75 Application Notes   BXB75 Data Sheet   BXB75 component   BXB75 Fiche Technique   BXB75 Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl