|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
IRF840 - isc N-Channel Mosfet Transistor - Inchange Semiconductor Company Limited |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 60NF06 | isc N-Channel MOSFET Transistor | 1 2 | Inchange Semiconductor Company Limited |
| 8N60 | isc N-Channel Mosfet Transistor | 1 2 | Inchange Semiconductor Company Limited |
| STP75NF75 | isc N-Channel MOSFET Transistor | 1 2 | Inchange Semiconductor Company Limited |
| 9N60 | isc N-Channel Mosfet Transistor | 1 2 | Inchange Semiconductor Company Limited |
| IRF630B | isc N-Channel MOSFET Transistor | 1 2 | Inchange Semiconductor Company Limited |
| IRF630N | isc N-Channel MOSFET Transistor | 1 2 | Inchange Semiconductor Company Limited |
| IRF640 | isc N-Channel MOSFET Transistor | 1 2 | Inchange Semiconductor Company Limited |
| MRF6VP21KHR6 | RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| MRF9045NR1 | RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFET | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| 2N6796 | 100 V 200 V 400 V & 500 V N-Channel Enhancement Mode MOSFET Power Transistor | 1 2 3 4 5 | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 |
Link URL |
|
|