|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
BAT46W - SURFACE MOUNT SCHOTTKY BARRIER DIODE - Guangdong Kexin Industrial Co.,Ltd |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| BAS70W_1 | SURFACE MOUNT SCHOTTKY BARRIER DIODE | 1 2 3 | Diodes Incorporated |
| BAS70TW_1 | SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS | 1 2 3 | Diodes Incorporated |
| SDMP0340LT_1 | SURFACE MOUNT SCHOTTKY BARRIER DIODE | 1 2 3 | Diodes Incorporated |
| SK12_06 | 1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE | 1 2 3 4 | Won-Top Electronics |
| SS1040 | SURFACE MOUNT SCHOTTKY BARRIER DIODE | 1 2 3 4 | Won-Top Electronics |
| G421SD | SURFACE MOUNT SCHOTTKY BARRIER DIODE VOLTAGE 40V CURRENT 0.1A | 1 2 | GTM CORPORATION |
| GD420SD | SURFACE MOUNT SCHOTTKY BARRIER DIODE | 1 2 | GTM CORPORATION |
| BAT54 | Surface Mount Schottky Barrier Diode | 1 2 | Taiwan Semiconductor Company, Ltd |
| MMBD101 | Surface Mount Schottky Barrier Diode | 1 2 | Daesan Electronics Corp. |
| BAS70 | Surface mount schottky barrier diode | 1 2 3 | Galaxy Semi-Conductor Holdings Limited |
Datasheet Page |
1 2 |
Link URL |
|
|