|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
99-1333 - B/R, Adjustable, Offset - Alcoa international inc. |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 99-1336 | B/R Adjustable Offset | 1 2 | Alcoa international inc. |
| 99-1335 | B/R Adjustable Long | 1 2 | Alcoa international inc. |
| 99-1334 | B/R Adjustable Right-angle | 1 2 | Alcoa international inc. |
| ICM7372 | DUAL 12/10/8-BIT VOLTAGE-OUTPUT DACS with Serial Interface and Adjustable Output Offset | 1 2 3 4 5 More | IC MICROSYSTEMS |
| LM317 | 3-Terminal Adjustable Output Positive Voltage Regulators | 1 2 3 4 5 More | Vishay Siliconix |
| TS925 | RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER With Standby Mode and Adjustable Phantom Ground | 1 2 3 4 5 More | STMicroelectronics |
| LM317L_05 | 100 mA Adjustable Output Positive Voltage Regulator | 1 2 3 4 5 More | ON Semiconductor |
| NCP1523_07 | 3 MHz 600 mA High−Efficiency Adjustable Output Voltage Step−down Converter | 1 2 3 4 5 More | ON Semiconductor |
| M5-S2 | Adjustable Type Coils | 1 2 3 4 | Mitsumi Electronics, Corp. |
| AP1186 | 1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR | 1 2 3 4 5 More | Diodes Incorporated |
Datasheet Page |
1 2 |
Link URL |
|
|