|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
YPKG-BCCG-9287DC - CCGA1152, 35.0 MM X 35.0 MM, 1.0 MM PITCH, 1152 SOLDER COLUMNS, CERAMIC COLUMN GRID ARRAY, DAISY CHAIN PACKAGE - Actel Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| YPKG-C7CG-A7A2DC | CCGA1272 37.5 MM X 37.5 MM 1.0 MM PITCH 1272 SOLDER COLUMNS CERAMIC COLUMN GRID ARRAY DAISY CHAIN PACKAGE | 1 2 3 4 5 More | Actel Corporation |
| CLGA | Ceramic Land Grid Array Package | 1 | Amkor Technology |
| CPGA | Ceramic Pin Grid Array Package | 1 | Amkor Technology |
| PPGA | Plastic Pin Grid Array Package | 1 | Amkor Technology |
| U120A | 120 Pin Ceramic Pin Grid Array | 1 | National Semiconductor |
| BGA-320P-M06 | PLASTIC BALL GRID ARRAY PACKAGE 320 PIN PLASTIC | 1 | Fujitsu Component Limited. |
| ECJU | Multilayer Ceramic Capacitors 2 Array Type | 1 2 3 | Panasonic Semiconductor |
| CQFP | Ceramic Quad Flat Pack Package | 1 | Amkor Technology |
| C1632C10012GAC | CERAMIC CAPACITOR ARRAY | 1 2 3 4 5 More | Kemet Corporation |
| CSOIC | Ceramic Small Outline Integrated Circuit Package | 1 | Amkor Technology |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
|
|